Part Number Hot Search : 
TA1242N 3452QS AH1803 AK50C5 C1810 4V476 5KP200A C15014
Product Description
Full Text Search
 

To Download A-42440-2421 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/11/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0015246242 Active
4.20mm (.165") Pitch Mini-Fit BMITM Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, Tin (Sn) Plating, without Drain Holes
Documents: 3D Model Drawing (PDF)
Product Specification PS-5556-002 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72082037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Application Comments PCB Headers 42440 Board-to-Board, Wire-to-Board Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 Mini-Fit Plus HCSTM Crimp Terminal Crimpted to to 16 AWG wire. . See Molex product specification PS-45750-001 for additional current de-rating information.. High Temperature, Square Pin, Solder Type Mini-Fit BMITM
Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) No 24 24 Natural (White) 30 94V-0 No Yes Yes Brass Tin Tin Nylon 2 Vertical 0.140 In 3.56 mm Yes Yes 0.070 In 1.80 mm Tray 0.165 In 4.20 mm 100 2.50 100 2.50
Search Parts in this Series 42440Series Mates With 15-06-0241 Mini-Fit BMITM Panel Mount Receptacle, 39-01-2245 Mini-Fit Jr.TM Receptacle, 15-24-7241 Mini-Fit BMITM Vertical Receptacle Header, 44516-0012 Mini-Fit BMITM Slide-and-Lock Panel Mount Receptacle
Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
Yes Yes Partial No No -40C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 13A 600V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 240
Material Info
Old Part Number A-42440-2421
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-42440-001 PS-5556-002 SDA-42440-**** TS-5556-002
This document was generated on 05/11/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of A-42440-2421

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X